Part Number Hot Search : 
BAS70XY EA09408 ASZ1015 IP102 SFH4391 2SA1215 74476402 U60DN
Product Description
Full Text Search
 

To Download SR4M4021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
SCHRACK
Safety Relay SR4 D/M
n n n n
4 pole safety relay with either 2 NO+2 NC or 3 NO+1 NC contacts Forcibly guided contacts according to EN 50205 Rated current 8 A Compact design & space efficient
Applications Emergency shut-off, machine control, elevator and escalator control, light barrier control
F0244-C
Approvals
V REG.-Nr.of40005334,types on request T968/EL 230.03/07 Z E214024, Technical data approved
Contact data
3 NO contacts and 1 NC contact or 2 NO contacts and 2 NC contacts Contact set single contact, forcibly guided type A according to EN 50205 Type of interruption micro disconnection Rated voltage / max. switching voltage AC 250 / 400 VAC Rated current 8A Maximum breaking capacity AC 2000 VA Contact material AgSnO2 Minimum contact load 10 mA / 5 V Contact resistance w 100 mOhm / 1 A / 24 VDC w 20 Ohm / 10 mA / 5 VDC Rated frequency of operation with / without load 6 min-1 / 150 min-1 Contact ratings Type Contact Load*) EN60947-5-1 SR4D/M 1 NO SR4D/M 1 NO
*) load on one pole
Contact configuration
Ambient temp. [C]
Cycles 6,050 6,050
IEC 947-5-1 (AC15) utilization category 250 VAC / 3 A 23C IEC 947-5-1 (DC13) utilization category 24 VDC / 3 A 23C
Coil data
Rated coil voltage range DC coil 5...110 VDC Operative range to IEC 61810 2 Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 005 5 3.8 0.5 31+10% 806 006 6 4.5 0.6 45+10% 800 009 9 6.8 0.9 101+10% 802 012 12 9.0 1.2 180+10% 800 015 15 11.3 1.5 281+10% 801 018 18 13.5 1.8 405+10% 800 021 21 15.8 2.1 551+10% 800 024 24 18.0 2.4 720+10% 800 036 36 27.0 3.6 1620+10% 800 040 40 30.0 4.0 2000+10% 800 048 48 36.0 4.8 2880+10% 800 060 60 45.0 6.0 4500+10% 800 085 85 63.8 8.5 9031+10% 800 110 110 82.5 11.0 15125+10% 800 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. IJ1 Issued 2009/10 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' section in the catalogue or at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Safety Relay SR4 D/M (Continued)
Insulation
Dielectric strength coil-contact circuit 4000 Vrms open contact circuit 1500 Vrms adjacent contact circuits 2500 Vrms Clearance / creepage coil-contact circuit W 10 / 10 mm adjacent contact circuits W 3 / 3.5 mm adjacent contact circuits (UL840) W 1.3 / 3.5 mm W 5.5 / 5.5 mm (in longitudinal direction) Material group of insulation parts IIIa Tracking index of relay base PTI 250 Insulation to IEC 61810-1 Type of insulation coil-contact circuit reinforced open contact circuit micro disconnection adjacent contact circuits basic Rated insulation voltage 250 V Pollution degree 2 Rated voltage system 230 / 400 V Overvoltage category III Insulation to EN 50178 Type of insulation coil-contact circuit reinforced adjacent contact circuits basic reinforced (in longitudinal direction)
PCB layout / terminal assignment
Bottom view on solder pins
S0413-BC
2 NO and 2 NC contacts
S0413-BB
Other data
Mechanical endurance 10x106 cycles Material RoHS - Directive 2002/95/EC compliant as per product date code 0407 Environment Ambient temperature range -25...+70C Vibration resistance (function) NO / NC contact > 10 / 2 g, 10....200 Hz Shock resistance (function) NO / NC contact > 10 / 2 g, 11 ms half sine Category of protection RT III1) Processing Resistance to soldering heat 260C / 5 s Relay weight 16 g Packaging unit 10 pcs
1)
3 NO and 1 NC contacts
S0413-BA
please contact technical support for washing parameters
Dimensions
S0412-BH
Product key
Type SR4 Safety Relay SR4 D/M Contact configuration D 2 NO + 2 NC contacts (2 form A + 2 form B) M 3 NO + 1 NC contacts (3 form A + 1 form B) Contact material 4 AgSnO2 Coil Coil code = rated coil voltage (e.g. 024=24 VDC) Other types on request
Typical product key
SR4
D
4
012
2
Datasheet Rev. IJ1 Issued 2009/10 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' section in the catalogue or at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Safety Relay SR4 D/M (Continued)
Product key SR4D4005 SR4D4006 SR4D4009 SR4D4012 SR4D4018 SR4D4021 SR4D4024 SR4D4036 SR4D4040 SR4D4048 SR4D4060 SR4D4085 SR4D4110 SR4M4005 SR4M4006 SR4M4009 SR4M4012 SR4M4018 SR4M4021 SR4M4024 SR4M4036 SR4M4040 SR4M4048 SR4M4060 SR4M4085 SR4M4110
Type 4 pole safety relay
Contact configuration 2 NO + 2 NC contacts
Contact material AgSnO2
3 NO + 1 NC contacts
Coil 5 VDC 6 VDC 9 VDC 12 VDC 18 VDC 21 VDC 24 VDC 36 VDC 40 VDC 48 VDC 60 VDC 85 VDC 110 VDC 5 VDC 6 VDC 9 VDC 12 VDC 18 VDC 21 VDC 24 VDC 36 VDC 40 VDC 48 VDC 60 VDC 85 VDC 110 VDC
Part number 7-1415054-1 8-1415054-1 9-1415054-1 1415055-1 1-1415055-1 2-1415055-1 3-1415055-1 4-1415055-1 5-1415055-1 6-1415055-1 7-1415055-1 8-1415055-1 9-1415055-1 5-1415053-1 6-1415053-1 7-1415053-1 8-1415053-1 9-1415053-1 1415054-1 4-1415053-1 1-1415054-1 2-1415054-1 3-1415054-1 4-1415054-1 5-1415054-1 6-1415054-1
3
Datasheet Rev. IJ1 Issued 2009/10 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' section in the catalogue or at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of SR4M4021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X